Electronic Components Datasheet Search
  English  ▼

X  

SOT23 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # SOT23
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT23 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button SOT23 Datasheet HTML 10Page - Diodes Incorporated SOT23 Datasheet HTML 11Page - Diodes Incorporated SOT23 Datasheet HTML 12Page - Diodes Incorporated SOT23 Datasheet HTML 13Page - Diodes Incorporated SOT23 Datasheet HTML 14Page - Diodes Incorporated SOT23 Datasheet HTML 15Page - Diodes Incorporated SOT23 Datasheet HTML 16Page - Diodes Incorporated SOT23 Datasheet HTML 17Page - Diodes Incorporated SOT23 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
14 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
POWERDI
®3333-8
POWERDI
®3333-8
Type B
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
Dimensions
Value (in mm)
C
0.650
G
0.230
X
0.420
X1
2.370
X2
0.420
X3
1.890
X4
2.710
Y
0.700
Y1
0.400
Y2
1.160
Y3
1.850
Y4
0.405
Y5
1.295
Y6
3.700
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1
X1
Y6
Y2
Y
(5x)
Y3
X (5x)
C
G
X2 (3x)
X3
Y5
X4
Y4
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com