Electronic Components Datasheet Search
  English  ▼

X  

A02TKLC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # A02TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A02TKLC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button A02TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS031NR1 AFT09MS031GNR1
760--870 MHz BROADBAND REFERENCE CIRCUIT, 50 OHM SYSTEM
Table 8. 760--870 MHz Broadband Performance (13.6 Vdc, IDQ = 100 mA, TA =25°C, CW)
Frequency
(MHz)
Gps
(dB)
ηD
(%)
P1dB
(W)
760
15.7
62.0
44
820
15.7
63.0
37
870
15.5
61.0
36
Table 9. Load Mismatch/Ruggedness (In Freescale Reference Circuit)
Frequency
(MHz)
Signal
Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
870
CW
>65:1 at all
Phase Angles
64
(3 dB Overdrive)
17
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com