Electronic Components Datasheet Search
  English  ▼

X  

A02TKLC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # A02TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A02TKLC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button A02TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 13Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 14Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 15Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 16Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
13
RF Device Data
Freescale Semiconductor, Inc.
760--870 MHz BROADBAND REFERENCE CIRCUIT
Zsource
f = 760 MHz
f = 870 MHz
Zo =2 Ω
Zload
f = 760 MHz
f = 870 MHz
VDD = 13.6 Vdc, IDQ = 100 mA, Pout =31 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
760
0.85 -- j1.31
0.80 -- j0.92
770
0.80 -- j1.30
0.78 -- j0.88
780
0.75 -- j1.28
0.78 -- j0.85
790
0.69 -- j1.26
0.76 -- j0.81
800
0.65 -- j1.24
0.76 -- j0.78
810
0.59 -- j1.21
0.72 -- j0.75
820
0.55 -- j1.18
0.70 -- j0.73
830
0.51 -- j1.15
0.67 -- j0.70
840
0.46 -- j1.11
0.62 -- j0.66
850
0.42 -- j1.01
0.57 -- j0.62
860
0.39 -- j1.02
0.52 -- j0.57
870
0.36 -- j0.97
0.48 -- j0.52
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 14. Broadband Series Equivalent Source and Load Impedance — 760--870 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com