Electronic Components Datasheet Search
  English  ▼

X  

A02TKLC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # A02TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A02TKLC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button A02TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 13Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 14Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 15Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS031NR1 AFT09MS031GNR1
TYPICAL CHARACTERISTICS — 760--870 MHz BROADBAND
REFERENCE CIRCUIT
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 14. CW Output Power versus Gate--Source Voltage
60
1
2
34
5
40
10
30
20
f = 820 MHz
VDD = 13.6 Vdc, Pin =1 W
VDD = 13.6 Vdc, Pin =0.5 W
VDD = 12.5 Vdc
Pin =0.5 W
Detail A
Figure 15. Power Gain, CW Output Power and
Drain Efficiency versus Input Power and
Frequency
Pin, INPUT POWER (WATTS)
12
15
14
0.03
2
18
17
16
0.1
820 MHz
VDD = 13.6 Vdc
IDQ = 100 mA
1
Gps
50
VDD = 12.5 Vdc, Pin =1 W
13
870 MHz
760 MHz
870 MHz
820 MHz
760 MHz
760 MHz
820 MHz
870 MHz
30
50
40
10
20
60
70
40
0
20
60
120
80
100
ηD
Pout
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
5
0.4
0.8
1.2
1.6
2
3
2
1
4
Detail A
f = 820 MHz
VDD = 13.6 Vdc
Pin =1 W
VDD = 12.5 Vdc
Pin =1 W
VDD = 12.5 Vdc
Pin =0.5 W
VDD = 13.6 Vdc
Pin =0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com