Electronic Components Datasheet Search
  English  ▼

X  

MK20DX32VLF5 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MK20DX32VLF5
Description  K20 Sub-Family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK20DX32VLF5 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MK20DX32VLF5 Datasheet HTML 35Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 36Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 37Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 38Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 39Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 40Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 41Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 42Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Table 24. 16-bit ADC characteristics (VREFH = VDDA, VREFL = VSSA) (continued)
Symbol
Description
Conditions1
Min.
Typ.2
Max.
Unit
Notes
SFDR
Spurious free
dynamic range
16 bit differential mode
• Avg=32
16 bit single-ended mode
• Avg=32
82
78
95
90
—
—
dB
dB
7
EIL
Input leakage
error
IIn × RAS
mV
IIn =
leakage
current
(refer to
the MCU's
voltage
and
current
operating
ratings)
Temp sensor
slope
–40°C to 105°C
—
1.715
—
mV/°C
VTEMP25
Temp sensor
voltage
25°C
—
719
—
mV
1. All accuracy numbers assume the ADC is calibrated with VREFH = VDDA
2. Typical values assume VDDA = 3.0 V, Temp = 25°C, fADCK = 2.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
3. The ADC supply current depends on the ADC conversion clock speed, conversion rate and the ADLPC bit (low power).
For lowest power operation the ADLPC bit should be set, the HSC bit should be clear with 1MHz ADC conversion clock
speed.
4. 1 LSB = (VREFH - VREFL)/2N
5. ADC conversion clock <16MHz, Max hardware averaging (AVGE = %1, AVGS = %11)
6. Input data is 100 Hz sine wave. ADC conversion clock <12MHz.
7. Input data is 1 kHz sine wave. ADC conversion clock <12MHz.
Peripheral operating requirements and behaviors
K20 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com