Electronic Components Datasheet Search
  English  ▼

X  

MK20DX32VLF5 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MK20DX32VLF5
Description  K20 Sub-Family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK20DX32VLF5 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MK20DX32VLF5 Datasheet HTML 45Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 46Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 47Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 48Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 49Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 50Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 51Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 52Page - Freescale Semiconductor, Inc MK20DX32VLF5 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Table 35. Slave mode DSPI timing (full voltage range)
Num
Description
Min.
Max.
Unit
Operating voltage
1.71
3.6
V
Frequency of operation
—
6.25
MHz
DS9
DSPI_SCK input cycle time
8 x tBUS
—
ns
DS10
DSPI_SCK input high/low time
(tSCK/2) - 4
(tSCK/2) + 4
ns
DS11
DSPI_SCK to DSPI_SOUT valid
—
24
ns
DS12
DSPI_SCK to DSPI_SOUT invalid
0
—
ns
DS13
DSPI_SIN to DSPI_SCK input setup
3.2
—
ns
DS14
DSPI_SCK to DSPI_SIN input hold
7
—
ns
DS15
DSPI_SS active to DSPI_SOUT driven
—
19
ns
DS16
DSPI_SS inactive to DSPI_SOUT not driven
—
19
ns
First data
Last data
First data
Data
Last data
Data
DS15
DS10
DS9
DS16
DS11
DS12
DS14
DS13
DSPI_SS
DSPI_SCK
(CPOL=0)
DSPI_SOUT
DSPI_SIN
Figure 18. DSPI classic SPI timing — slave mode
6.8.6 I2C switching specifications
See General switching specifications.
6.8.7 UART switching specifications
See General switching specifications.
Peripheral operating requirements and behaviors
K20 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com