Electronic Components Datasheet Search
  English  ▼

X  

MK40DX128VMB7 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MK40DX128VMB7
Description  K40 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX128VMB7 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MK40DX128VMB7 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK40DX128VMB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
K40P81M72SF1
K40 Sub-Family
Supports: MK40DX64VLK7,
MK40DX128VLK7, MK40DX256VLK7,
MK40DX64VMB7, MK40DX128VMB7,
MK40DX256VMB7
Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 105°C
• Clocks
– 3 to 32 MHz crystal oscillator
– 32 kHz crystal oscillator
– Multi-purpose clock generator
• System peripherals
– 10 low-power modes to provide power optimization
based on application requirements
– 16-channel DMA controller, supporting up to 63
request sources
– External watchdog monitor
– Software watchdog
– Low-leakage wakeup unit
• Security and integrity modules
– Hardware CRC module to support fast cyclic
redundancy checks
– 128-bit unique identification (ID) number per chip
• Human-machine interface
– Segment LCD controller supporting up to 36
frontplanes and 8 backplanes, or 40 frontplanes and
4 backplanes, depending on the package size
– Low-power hardware touch sensor interface (TSI)
– General-purpose input/output
• Analog modules
– Two 16-bit SAR ADCs
– Programmable gain amplifier (PGA) (up to x64)
integrated into each ADC
– 12-bit DAC
– Three analog comparators (CMP) containing a 6-bit
DAC and programmable reference input
– Voltage reference
• Timers
– Programmable delay block
– Eight-channel motor control/general purpose/PWM
timer
– Two 2-channel quadrature decoder/general purpose
timers
– Periodic interrupt timers
– 16-bit low-power timer
– Carrier modulator transmitter
– Real-time clock
• Communication interfaces
– USB full-/low-speed On-the-Go controller with on-
chip transceiver
– Controller Area Network (CAN) module
– Two SPI modules
– Two I2C modules
– Four UART modules
– I2S module
Freescale Semiconductor
Document Number: K40P81M72SF1
Data Sheet: Technical Data
Rev. 2, 4/2012
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2012 Freescale Semiconductor, Inc.


Similar Part No. - MK40DX128VMB7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DX128VMD10 FREESCALE-MK40DX128VMD10 Datasheet
1Mb / 81P
K40 Sub-Family
MK40DX128VML7 FREESCALE-MK40DX128VML7 Datasheet
1Mb / 73P
K40 Sub-Family
More results

Similar Description - MK40DX128VMB7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P81M100SF2 FREESCALE-K40P81M100SF2 Datasheet
876Kb / 60P
K40 Sub-Family Data Sheet
K40P104M100SF2 FREESCALE-K40P104M100SF2 Datasheet
897Kb / 60P
K40 Sub-Family Data Sheet
K40P144M100SF2_1109 FREESCALE-K40P144M100SF2_1109 Datasheet
1Mb / 78P
K40 Sub-Family Data Sheet
K40P100M72SF1 FREESCALE-K40P100M72SF1 Datasheet
1Mb / 73P
K40 Sub-Family
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
K40 Sub-Family
K40P121M100SF2V2 FREESCALE-K40P121M100SF2V2 Datasheet
1Mb / 70P
K40 Sub-Family
K40P144M100SF2V2 FREESCALE-K40P144M100SF2V2 Datasheet
1Mb / 81P
K40 Sub-Family
logo
NXP Semiconductors
K40P64M72SF1 NXP-K40P64M72SF1 Datasheet
2Mb / 68P
K40 Sub-Family
Rev. 3, 11/2012
K40P81M72SF1 NXP-K40P81M72SF1 Datasheet
2Mb / 69P
K40 Sub-Family
Rev. 3, 11/2012
K40P100M72SF1 NXP-K40P100M72SF1 Datasheet
2Mb / 71P
K40 Sub-Family
Rev. 3, 11/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com