| Electronic Components Datasheet Search |
|
MK40DX128VMB7 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MK40DX128VMB7 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 72 page ![]() Table of Contents 1 Ordering parts...........................................................................3 1.1 Determining valid orderable parts......................................3 2 Part identification......................................................................3 2.1 Description.........................................................................3 2.2 Format...............................................................................3 2.3 Fields.................................................................................3 2.4 Example............................................................................4 3 Terminology and guidelines......................................................4 3.1 Definition: Operating requirement......................................4 3.2 Definition: Operating behavior...........................................5 3.3 Definition: Attribute............................................................5 3.4 Definition: Rating...............................................................6 3.5 Result of exceeding a rating..............................................6 3.6 Relationship between ratings and operating requirements......................................................................6 3.7 Guidelines for ratings and operating requirements............7 3.8 Definition: Typical value.....................................................7 3.9 Typical value conditions....................................................8 4 Ratings......................................................................................9 4.1 Thermal handling ratings...................................................9 4.2 Moisture handling ratings..................................................9 4.3 ESD handling ratings.........................................................9 4.4 Voltage and current operating ratings...............................9 5 General.....................................................................................10 5.1 AC electrical characteristics..............................................10 5.2 Nonswitching electrical specifications...............................11 5.2.1 Voltage and current operating requirements.........11 5.2.2 LVD and POR operating requirements.................12 5.2.3 Voltage and current operating behaviors..............12 5.2.4 Power mode transition operating behaviors..........13 5.2.5 Power consumption operating behaviors..............14 5.2.6 Designing with radiated emissions in mind...........18 5.2.7 Capacitance attributes..........................................18 5.3 Switching specifications.....................................................19 5.3.1 Device clock specifications...................................19 5.3.2 General switching specifications...........................19 5.4 Thermal specifications.......................................................20 5.4.1 Thermal operating requirements...........................20 5.4.2 Thermal attributes.................................................21 6 Peripheral operating requirements and behaviors....................22 6.1 Core modules....................................................................22 6.1.1 Debug trace timing specifications.........................22 6.1.2 JTAG electricals....................................................23 6.2 System modules................................................................25 6.3 Clock modules...................................................................25 6.3.1 MCG specifications...............................................25 6.3.2 Oscillator electrical specifications.........................28 6.3.3 32kHz Oscillator Electrical Characteristics............30 6.4 Memories and memory interfaces.....................................31 6.4.1 Flash electrical specifications................................31 6.4.2 EzPort Switching Specifications............................35 6.5 Security and integrity modules..........................................36 6.6 Analog...............................................................................36 6.6.1 ADC electrical specifications.................................37 6.6.2 CMP and 6-bit DAC electrical specifications.........45 6.6.3 12-bit DAC electrical characteristics.....................47 6.6.4 Voltage reference electrical specifications............50 6.7 Timers................................................................................51 6.8 Communication interfaces.................................................52 6.8.1 USB electrical specifications.................................52 6.8.2 USB DCD electrical specifications........................52 6.8.3 USB VREG electrical specifications......................52 6.8.4 CAN switching specifications................................53 6.8.5 DSPI switching specifications (limited voltage range)....................................................................53 6.8.6 DSPI switching specifications (full voltage range).55 6.8.7 I2C switching specifications..................................56 6.8.8 UART switching specifications..............................57 6.8.9 I2S/SAI Switching Specifications..........................57 6.9 Human-machine interfaces (HMI)......................................61 6.9.1 TSI electrical specifications...................................61 6.9.2 LCD electrical characteristics................................62 7 Dimensions...............................................................................63 7.1 Obtaining package dimensions.........................................63 8 Pinout........................................................................................64 8.1 K40 Signal Multiplexing and Pin Assignments..................64 8.2 K40 Pinouts.......................................................................68 9 Revision History........................................................................70 K40 Sub-Family Data Sheet, Rev. 2, 4/2012. 2 Freescale Semiconductor, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |