Electronic Components Datasheet Search
  English  ▼

X  

MPC8377E Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 127Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 123 / 127 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
123
26.1
Part Numbers Fully Addressed by This Document
Table 84 provides the Freescale part numbering nomenclature for this chip. Note that the individual part
numbers correspond to a maximum processor core frequency. For available frequencies, contact your local
Freescale sales office. In addition to the processor frequency, the part numbering scheme also includes an
application modifier which may specify special application conditions. Each part number also contains a
revision code which refers to the die mask revision number.
This table lists the available core and DDR data rate frequency combinations.
Table 84. Part Numbering Nomenclature
MPC
8377
EC
ZQ
AF
D
A
Product
Code
Part
Identifier
Encryption
Acceleratio
n
Temperature
Range 1
Package 2
e300 core
Frequency 3
DDR
Data Rate
Revision
Level 4
MPC
8377
Blank = Not
included
E = included
Blank = 0
°C (Ta)
to 125
°C (Tj)
C = –40
°C (Ta)
to 125
°C (Tj)
VR = Pb-free
689 TePBGA II
AN = 800 MHz
AL = 667 MHz
AJ = 533 MHz
AG = 400 MHz
G = 400 MHz
F = 333 MHz
D = 266 MHz
Blank = Freescale
ATMC fab
A =
GlobalFoundries
fab
Note:
1 Contact local Freescale office on availability of parts with an extended temperature range.
2 See Section 22, “Package and Pin Listings,” for more information on the available package type.
3 Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support
other maximum core frequencies.
4 No design changes occurred between initial parts and the revision “A” parts. Only the fab source has changed in moving
to revision “
A” parts. Initial revision parts and revision “A” parts are form, fit, function, and reliability equivalent.
Table 85. Available Parts (Core/DDR Data Rate)
MPC8377E
MPC8378E
MPC8379E
800 MHz/400 MHz
800 MHz/400 MHz
800 MHz/400 MHz
667 MHz/400 MHz
667 MHz/400 MHz
667 MHz/400 MHz
533 MHz/333 MHz
533 MHz/333 MHz
533 MHz/333 MHz
400 MHz/266 MHz
400 MHz/266 MHz
400 MHz/266 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com