Electronic Components Datasheet Search
  English  ▼

X  

MPC8377E Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 127Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
124
Freescale Semiconductor
This table shows the SVR and PVR settings by device.
26.2
Part Marking
Parts are marked as in the example as shown in this figure.
Figure 67. Freescale Part Marking for TePBGA II Devices
27 Document Revision History
This table provides a revision history for this document.
Table 86. SVR and PVR Settings by Product Revision
Device
Package
SVR
PVR
Rev 1.0
Rev. 2.1
Rev. 1.0
Rev. 2.1
MPC8377
TePBGA II
0x80C7_0010
0x80C7_0021
0x8086_1010
0x8086_1011
MPC8377E
0x80C6_0010
0x80C6_0021
MPC8378
0x80C5_0010
0x80C5_0021
MPC8378E
0x80C4_0010
0x80C4_0021
MPC8379
0x80C3_0010
0x80C3_0021
MPC8379E
0x80C2_0010
0x80C2_0021
Table 87. Document Revision History
Revision
Date
Substantive Change(s)
8
05/2012 In Table 15, “DDR SDRAM DC Electrical Characteristics for GVDD (typ) = 2.5 V,” updated Output leakage
current (IOZ) min and max values.
7
10/2011
• In Table 84, “Part Numbering Nomenclature,” updated “Revision Level description”and added footnote
4.In Section 21.2.4, “AC Requirements for SerDes Reference Clocks,” modified the introductory
sentence for Table 71, “SerDes Reference Clock Common AC Parameters.”
MPCnnnnetppaaar
core/platform MHZ
ATWLYYWW
CCCCC
TePBGA II
*MMMMM
YWWLAZ
Notes:
ATWLYYWW is the traceability code.
CCCCC is the country code.
MMMMM is the mask number.
YWWLAZ is the assembly traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com