Electronic Components Datasheet Search
  English  ▼

X  

MPC8377E Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 127Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
125
6
07/2011 In Section 2.2, “Power Sequencing,” updated power down sequencing information.
5
07/2011
• In Table 2, “Absolute Maximum Ratings1,” removed footnote 5 from LBIN to OVIN. Also, corrected
footnote 5.
•In Table 3, “Recommended Operating Conditions,” added footnote 2 to AVDD.
•In Figure 2, “Overshoot/Undershoot Voltage for GVDD/LVDD/OVDD/LBVDD,” added LBVDD.
•In Table 13, “DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V,” updated IOZ min/max
to –50/50.
•In Figure 11, “RGMII and RTBI AC Timing and Multiplexing Diagrams,” added distinction between
tSKRGT_RX and tSKRGT_TX signals.
•In Table 33, “MII Management AC Timing Specifications,” updated MDC frequency—removed Min and
Max values, added Typical value. Also, updated footnote 2 and removed footnote 3.
•In Table 48, “PCI DC Electrical Characteristics,” updated VIH min value to 2.0.
•In Table 72, “TePBGA II Pinout Listing,” added Note to LGPL4/LFRB_B/LGTA_B/LUPWAIT/LPBSE (to
be consistent with AN3665, “MPC837xE Design Checklist.”
•In Table 74, “Operating Frequencies for TePBGA II,” added Minimum Operating Frequency for eTSEC,
and corrected DDR2 Minimum and Maximum Operating Frequency values.
4
11/2010
• In Table 25, “RGMII and RTBI DC Electrical Characteristics,” updated VIH min value to 1.7.
•In Table 40, “Local Bus General Timing Parameters—PLL Bypass Mode,” added row for tLBKHLR.
•In Section 10.2, “Local Bus AC Electrical Specifications,” and in Section 23, “Clocking,” updated LCCR
to LCRR.
•In Table 72, “TePBGA II Pinout Listing,” added SD_WP to pin C9. Also clarified TEST_SEL0 and
TEST_SEL1 pins—no change in functionality.
3
03/2010
• Added Section 4.3, “eTSEC Gigabit Reference Clock Timing.”
•In Table 34, “USB DC Electrical Characteristics,” and Table 35, “USB General Timing Parameters (ULPI
Mode Only),” added table footnotes .
•In Table 39, “Local Bus General Timing Parameters—PLL Enable Mode,” and Table 40, “Local Bus
General Timing Parameters—PLL Bypass Mode,” corrected footnotes for tLBOTOT1, tLBOTOT2, tLBOTOT3.
•In Figure 22, “Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 2 (PLL Enable Mode),” and
Figure 24, “Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 4 (PLL Enable Mode),” shifted
“Input Signals: LAD[0:31]/LDP[0:3]” from the falling edge to the rising edge of LSYNC_IN.
•In Figure 63, “Mechanical Dimensions and Bottom Surface Nomenclature of the TEPBGA II,” added
heat spreader.
•In Section 25.6, “Pull-Up Resistor Requirements,” removed “Ethernet Management MDIO pin” from list
of open drain type pins.
•In Table 72, “TePBGA II Pinout Listing,” updated the Pin Type column for AVDD_C, AVDD_L, and
AVDD_P pins.
•in Table 72, “TePBGA II Pinout Listing,” added Note 16 to eTSEC pins.
•In Table 77, “CSB Frequency Options for Host Mode,” and Table 78, “CSB Frequency Options for Agent
Mode,” updated
csb_clk frequencies available.
•In Table 84, “Part Numbering Nomenclature,” removed footnote to “e300 core Frequency.”
Table 87. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com