Electronic Components Datasheet Search
  English  ▼

X  

ADT6780 Datasheet(PDF) 9 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 9 Page - ADTech

Back Button ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech ADT6780 Datasheet HTML 10Page - ADTech ADT6780 Datasheet HTML 11Page - ADTech ADT6780 Datasheet HTML 12Page - ADTech ADT6780 Datasheet HTML 13Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Jul. 12. 2012 / Preliminary
9/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
APPLICATION INFORMATION (continued)
Input Capacitor
The input capacitor is used to filter out discontinuous, pulsed input current and to maintain input voltage
stable. Therefore input capacitor should be able to supply the AC current to the step-down converter. Its
input ripple voltage can be estimated by:
where, CIN is input capacitor value.
The voltage rating of input capacitor must be greater than the maximum input voltage plus ripple voltage.
Since the input capacitor absorbs the input switching current, it requires an proper ripple current rating. The
RMS current in the input capacitor can be approximated by:
The worst-case condition occurs at V
IN=2×VOUT (50% duty condition), and its worst RMS current is
approximately half of the I
OUT. For reliable operation and best performance, the input capacitors must have
current rating higher than I
CIN_RMS at worst operating conditions. Ceramic capacitors are preferred for input
capacitors because of their low ESR and high current rating. When selecting ceramic capacitors, X5R or
X7R type dielectric ceramic capacitors should be used for their better temperature and voltage
characteristics. For most applications, a 10㎌ ceramic capacitor is sufficient.
Output Capacitor
The output capacitor is required to maintain the DC output voltage. In a step-down converter circuit, output
ripple voltage is determined by the inductor value, switching frequency, output capacitor value and ESR.
That is:
where,
C
O is output capacitor value,
ESR is the equivalent series resistance of the output capacitor.
Low ESR capacitors are preferred to keep the output voltage ripple low. When low ESR ceramic capacitor is
used as output capacitor, its ESR value can be waived. So, the impedance at the switching frequency is
dominated by the capacitance. Therefore the output voltage ripple is:
On the other hand, in the case of tantalum or electrolytic capacitors, the ESR dominates the impedance at the
switching frequency. In this case, the output voltage ripple is:
In a step-down converter, output capacitor current is continuous. Usually, the ripple current rating of the
output capacitor is not concerned because of its low ripple current. For most applications, a 10㎌ ceramic
capacitor is sufficient.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
IN
OUT
IN
OUT
IN
SW
OUT
IN
V
V
1
V
V
C
F
I
ΔV
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
IN
OUT
OUT
CIN_RMS
V
V
1
V
V
I
I
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
=
O
SW
L
OUT
C
F
8
1
ESR
ΔI
ΔV
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
=
O
SW
L
OUT
C
F
8
1
ΔI
ΔV
(
)
ESR
ΔI
ΔV
L
OUT
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com