Electronic Components Datasheet Search
  English  ▼

X  

ADT6780 Datasheet(PDF) 1 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 1 Page - ADTech

  ADT6780 Datasheet HTML 1Page - ADTech ADT6780 Datasheet HTML 2Page - ADTech ADT6780 Datasheet HTML 3Page - ADTech ADT6780 Datasheet HTML 4Page - ADTech ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Jul. 12. 2012 / Preliminary
1/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
Features
Typical Application Circuit
Applications
• Feedback reference voltage : 0.2V
• Current mode buck LED driver with 925kHz
fixed frequency
• Input voltage range : 4.5V to 28V
• Continuous output current : 2A
• Up to 93% efficiency
• Integrated Power MOSFET switch : 80mΩ
•10㎂ shutdown mode
• Thermal shutdown & current limit protection
• Under Voltage LOckout
Figure 1. Typical Application Circuit
EN
L1
C2
R1
D2
VOUT
C5
D1
C6
OPTION
C4
U1
GND
FB
VIN
EN
SW
BST
1
7
2
3
5
SS
COMP
6
4
8
VIN
C1
C3
R2
• High power LED/IR-LED Lighting
• Automotive and Marine Lighting
• Architecture Lighting
• General Lighting Solutions
The ADT6780 is a thermally enhanced current mode step down LED driver. That is designed
to deliver constant current to high power LEDs. The device is suitable for various high power
LED application due to the wide operating range(VIN 4.5V~28V) and high output
capability(continuous 2A). with a very low feedback voltage(VFB=0.2V) power dissipation can
be minimized. Fault condition protection includes cycle-by-cycle current limiting and thermal
shutdown.
The package is available in a standard SOP8-PP(with Exposed pad) package.
Thermally enhanced
Low V
FB Step-Down LED Driver
ADT6780
General Description


Similar Part No. - ADT6780

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
Thermally enhanced Low VFB Step-Down LED Driver
More results

Similar Description - ADT6780

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
60V Step-Down LED Driver
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
Thermally enhanced Low VFB Step-Down LED Driver
logo
Linear Technology
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
60V Step-Down LED Driver
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
Thermally Enhanced LED Chipset
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
Thermally Enhanced LED Projection Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
Thermally Enhanced LED Projection Chipset
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com