Electronic Components Datasheet Search
  English  ▼

X  

ADT6780 Datasheet(PDF) 2 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 2 Page - ADTech

  ADT6780 Datasheet HTML 1Page - ADTech ADT6780 Datasheet HTML 2Page - ADTech ADT6780 Datasheet HTML 3Page - ADTech ADT6780 Datasheet HTML 4Page - ADTech ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Jul. 12. 2012 / Preliminary
2/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
Part List
Pin Description
Pin No.
Name
Description
1BST
High-Side Gate Drive Boost Input. This pin acts as the power supply of high-side gate
driving blocks. Connect a 10nF or greater capacitor between SW and BST pin.
2VIN
Power supply input. Bypass VIN to GND with a suitably large capacitor to eliminate
noise on the input to the IC.
3
SW
Switching node. The free-wheeling diode is connected between SW and GND.
4
GND
Ground. Connect the exposed pad on backside to GND.
5
FB
Feedback voltage input. The regulated FB voltage is 0.2V typically.
6
COMP
Compensation node. COMP is used to compensate the regulation control loop.
7
EN
Chip enable input. Also this pin functions UVLO input.
8
SS
Soft start control node. This pin controls the soft start period.
Component
Type
Value (Model)
Manufacturer
U1
IC
ADT6780
ADTech
D1
Schottky Barrier Diode
B230A
DIODES
L1
Chip inductor
6.8uH / 3A
TDK
C1
MLCC
10㎌ / 35V
-
C2
MLCC
10㎌ / 10V
-
C3
MLCC
8.2㎋
-
C4
MLCC
100㎋
-
C5
MLCC
10㎋
-
R1
Chip resistor
0.2Ω / 1%
-
R2
Chip resistor
2㏀
-
1
2
3
45
6
7
8
BST
VIN
SW
GND
FB
COMP
EN
SS
exposed pad
* connect to GND
Package outline
ADT6780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com