Electronic Components Datasheet Search
  English  ▼

X  

TLE4263 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Semiconductor Group
11
1998-11-01
TLE 4263
Reset Threshold versus
Output Voltage
Reset Switching Threshold
versus Temperature
Switching Voltage
V
Cd, VdT and
V
ST versus Temperature
Current Consumption of Inhibit
versus Temperature
0.8
0.4
0.6
0.2
1
0
2
0
1.6
1.2
1.4
1.0
RE
V
V
V
4
3
5
V Q
AED01098
Ι
V = 13.5 V
40
0.2
0
-40
0.6
0.4
0
160
j
80
120
T
C
1.0
0.8
1.4
1.2
V
1.6
AED01088
V RE
ST
1.2
0
-40
0
0.8
0.4
40
3.2
2.8
2.4
2.0
V
1.6
V
V Ι
T
120
80
C
j
160
= 13.5 V
AED01087
,
dT
VV cd
V
6
0
12
AED01089
e
V = 5 V
8
10
4
2
Ι
e
µA
-40
0
80
40
120
T j
160
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com