Electronic Components Datasheet Search
  English  ▼

X  

TLE4263 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 16Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Semiconductor Group
12
1998-11-01
TLE 4263
Drop Voltage versus
OutputCurrent
Current Consumption versus
Input Voltage
Current Consumption versus
Output Current
Output Voltage versus
Input Voltage
400
200
300
100
50
0
100
0
800
600
700
500
Dr
V
mA
200
150
300
Ι
Q
AED01094
mV
j
T = 125 C
25 C
15
10
5
20
010
0
20
mA
30
25
q
Ι
= 25
R L
50
V
30
40
V Ι
AED01096
Ω
150
16
4
12
8
100
050
0
mA
20
28
24
32
300
200
mA
Ι
Q
AED01095
Ι
V = 13.5 V
Ι
q
R
6
4
2
0
4
0
2
8
12
10
Q
V
V
10
V
68
V Ι
AED01097
= 25
L
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com