Electronic Components Datasheet Search
  English  ▼

X  

TLE4263 Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 16Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TLE 4263
Semiconductor Group
15
1998-11-01
Package Outlines
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device
110
11
20
Index Marking
1) Does not include plastic or metal protrusions of 0.15 max per side
2) Does not include dambar protrusion of 0.05 max per side
GPS05094
0.1
+0.15
0.35
1.27
2)
0.2 24x
-0.2
7.6
1)
0.35 x 45˚
+0.8
±0.3
10.3
0.4
12.8-0.2
1)
P-DSO-20-6
(Plastic Dual Small Outline)
Weight approx. 0.6 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com