Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4267
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4267 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLE 4267
Semiconductor Group
5
1998-11-01
Operating Range
Current
I
d
–––
–
Output
Voltage
V
Q
– 0.3
7
V
–
Current
I
Q
–
–
–
Limited internally
Inhibit
Voltage
V
E2
– 42
42
V
Current
I
E2
– 5
5
mA
t
≤ 400 ms
Hold
Voltage
V
E6
– 0.3
7
V
–
Current
I
E6
–
–
mA
Limited internally
GND
Current
I
GND
– 0.5
–
A
–
Temperatures
Junction temperature
T
J
–150
°C–
Storage temperature
T
stg
– 50
150
°C–
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Input voltage
V
I
5.5
40
V
see diagram
Junction temperature
T
J
– 40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–70
K/W –
Junction-case
R
thjc
–6K/W –
Junction-case
R
thjc
–2K/W
t < 1 ms
Absolute Maximum Ratings (cont’d)
T
J = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Notes
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com