Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4267
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4267 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLE 4267
Semiconductor Group
1
1998-11-01
Functional Description
TLE 4267 is a 5-V low-drop voltage regulator in a
TO220-7 package. It supplies an output current of > 400 mA. The IC is shortcircuit-proof
and incorporates temperature protection that disables the IC at overtemperature.
Application
The IC regulates an input voltage
V
I in the range 5.5 V < VI <40 V to VQrated =5.0 V. A
reset signal is generated for an output voltage
V
Q of < 4.5 V. The reset delay can be set
with an external capacitor. The device has two logic inputs. It is turned-ON by a voltage
of > 4 V on E2 by the ignition for example. It remains active as a function of the voltage
on E6, even if the voltage on E2 goes Low. This makes it possible to implement a self-
holding circuit without external components. When the device is turned-OFF, the output
voltage drops to 0 V and current consumption tends towards 0
µA.
Type
Ordering Code Package
TLE 4267
Q67000-A9153
P-TO220-7-3
TLE 4267 G Q67006-A9169
P-TO220-7-180 (SMD)
TLE 4267 S Q67000-A9246
P-TO220-7-230
5-V Low-Drop Voltage Regulator
Bipolar IC
Features
q
Output voltage tolerance
≤ ± 2 %
q
Low-drop voltage
q
Very low standby current consumption
q
Input voltage up to 40 V
q
Overvoltage protection up to 60 V (
≤ 400 ms)
q
Reset function down to 1 V output voltage
q
ESD protection up to 2000 V
q
Adjustable reset time
q
On/off logic
q
Overtemperature protection
q
Reverse polarity protection
q
Short-circuit proof
q
Wide temperature range
q
Suitable for use in automotive electronics
P-TO220-7-3
P-TO220-7-180
P-TO220-7-230
TLE 4267


Similar Part No. - TLE4267

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267 Datasheet
413Kb / 22P
5-V Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4267 INFINEON-TLE4267 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4267-2 INFINEON-TLE4267-2 Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267-2G INFINEON-TLE4267-2G Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267G INFINEON-TLE4267G Datasheet
413Kb / 22P
5-V Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results

Similar Description - TLE4267

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com