Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4267
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4267 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 4267
Semiconductor Group
7
1998-11-01
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Reset Generator
Switching threshold
V
rt
4.2
4.5
4.8
V
–
Reset High level
–
4.5
–
–
V
R
ext = ∞
Saturation voltage
V
R
–0.1
0.4
V
R
R = 4.7 kΩ
1)
1) The reset output is Low between V
Q = 1 V and VRT
Pullup
R
R
–30
–
k
Ω
–
Saturation voltage
V
D,sat
–
50
100
mV
V
Q < VRT
Charge current
I
d
815
25
µA
V
D = 1.5 V
Delay switching threshold
V
dt
2.6
3
3.3
V
–
Delay
t
d
–20
–
ms
C
d = 100 nF
Switching threshold
V
st
–0.43
–
V
–
Delay
t
t
–2–
µs
C
d = 100 nF
Inhibit
Turn-ON voltage
V
E2
–34V
IC turned-ON
Turn-OFF voltage
V
E2
2––V
IC turned-OFF
Pulldown
R
E2
50
100
200
k
Ω
–
Hysteresis
∆V
E2
0.2
0.5
0.8
V
–
Input current
I
E2
–
35
100
µA
V
IP2 = 4 V
Holding voltage
V
E6
30
35
40
%
Referred to
V
Q
Turn-OFF voltage
V
E6
60
70
80
%
Referred to
V
Q
Pullup
R
E6
20
50
100
k
Ω
–
Overvoltage Protection
Turn-OFF voltage
V
i,ov
42
44
46
V
–
Turn-ON hysteresis
∆V
i,ov
2–6V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com