Electronic Components Datasheet Search
  English  ▼

X  

TLE4270 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4270
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4270 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLE 4270
Semiconductor Group
6
1998-11-01
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input voltage
V
I
642
V
–
Junction temperature
T
j
– 40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–65
70
K/W
K/W
TO263, TO2521)
1) Soldered in, min. footprint
Junction case
R
thjc
Z
thjc
–3
2
K/W
K/W
t
< 1ms
(TO-220/263
Packages)
Characteristics
V
I = 13.5 V; – 40 °C ≤ Tj = ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 550 mA;
6 V
≤ V
I ≤ 26 V
Output voltage
V
Q
4.90
5.00
5.10
V
26 V
≤ V
I ≤ 36 V;
I
Q ≤ 300 mA
Output current
limiting
I
Qmax
650
850
–
mA
V
Q = 0 V
Current
consumption
I
q = II − IQ
I
q
–1
1.5
mA
I
Q = 5 mA
Current
consumption
I
q = II – IQ
I
q
–55
75
mA
I
Q = 550 mA
Current
consumption
I
q = II – IQ
I
q
–70
90
mA
I
Q = 550 mA; VI = 5 V
Drop voltage
V
dr
–
350
700
mV
I
Q = 550 mA
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com