Electronic Components Datasheet Search
  English  ▼

X  

TLE4270 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TLE4270
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TLE4270 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLE 4270
Semiconductor Group
11
1998-11-01
Current Consumption
I
q
versus Output Current
I
Q
Current Consumption
I
q
versus Input Voltage
V
I
Current Consumption
I
q
versus Output Current
I
Q
Drop Voltage
V
dr versus
Output Current
I
Q
0
0
20
120
60
40
Ι
q
mA
AED01932
80
mA
1
2
3
4
5
6
Q
Ι
V Ι = 13.5 V
60
40
20
20
010
0
80
mA
120
100
q
Ι
50
V
30
40
V Ι
AED01934
= 20
R L
Ω
L
R = 50
R = 10
L
Ω
Ω
300
40
30
100
0
200
0
10
20
80
60
70
50
mA
q
Ι
V = 13.5 V
Ι
mA
400
600
Ι
Q
AED01933
400
200
300
100
200
0
400
0
800
600
700
500
Dr
V
mV
mA
600
1000
Ι
Q
AED01935
T = 125 C
j
T
=25
j
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com