Electronic Components Datasheet Search
  English  ▼

X  

TLE4270 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4270
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4270 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLE 4270
Semiconductor Group
7
1998-11-01
Load regulation
∆V
Q
–25
50
mV
I
Q = 5 to 550 mA;
V
I = 6 V
Supply voltage
regulation
∆V
Q
–12
25
mV
V
I = 6 to 26 V
I
Q = 5 mA
Power supply
Ripple rejection
PSRR
–54
–
dB
f
r =100 Hz;
V
r =0.5 VSS
Reset Generator
Switching threshold
V
RT
4.5
4.65
4.8
V
–
Reset High voltage
V
ROH
4.5
–
–
V
–
Reset low voltage
V
ROL
–60
–
mV
R
intern =30 kΩ
2);
1.0 V
≤ V
Q ≤ 4.5 V
Reset low voltage
V
ROL
–
200
400
mV
I
R = 3 mA, VQ = 4.4 V
Reset pull-up
R
18
30
46
k
Ω
internally connected
to Q
Lower reset timing
threshold
V
DRL
0.2
0.45
0.8
V
V
Q < VRT
Charge current
I
d
814
25
µA
V
D = 1.0 V
Upper timing
threshold
V
DU
1.4
1.8
2.3
V
–
Delay time
t
d
–13
–
ms
C
D = 100 nF
Reset reaction time
t
RR
––
3
µs
C
D = 100 nF
Overvoltage Protection
Turn-Off voltage
V
I, ov
42
44
46
V
–
1) Drop voltage = V
I – VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)
2) Reset peak is always lower than 1.0 V.
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C ≤ Tj = ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com