Electronic Components Datasheet Search
  English  ▼

X  

TLE4271 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button TLE4271 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TLE 4271
Semiconductor Group
12
1998-11-01
Output Voltage
V
Q versus
Temperature
T
j
Output Current
I
Q versus
Temperature
T
j
Output Voltage
V
Q versus
Input Voltage
V
I (VI = Ve)
Output Current
I
Q versus
Input Voltage
V
I
4.90
4.80
4.70
40
-40
0
4.60
5.00
V
5.20
5.10
Q
160
C
80
120
T j
AED01928
V Ι = 13.5 V
V
600
400
200
40
-40
0
0
800
mA
1200
1000
Q
Ι
160
C
80
120
T j
AED01930
R
6
4
2
0
4
0
2
8
12
10
Q
V
V
10
V
68
V Ι
AED01929
= 25
L
Ω
0.6
0.4
0.2
20
010
0
0.8
A
1.2
1.0
Q
Ι
= 25 C
Tj
50
V
30
40
V Ι
AED01931
= 125 C
Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com