Electronic Components Datasheet Search
  English  ▼

X  

TLE4271 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button TLE4271 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TLE 4271
Semiconductor Group
14
1998-11-01
Inhibit Current
I
E
versus Inhibit Voltage
V
E
Inhibit Current Consumptions
I
e
versus Temperature
T
j
Output Voltage
V
Q
versus Inhibit Voltage
V
E
Inhibit Voltages
V
e
versus Temperature
T
j
0
0
1
6
3
2
E
AED01944
4
V
2
4
6
8
10
12
V Ι = 13.5 V
= 25 C
j
T
e, high
Ι
Ι
e, on
Ι
e, off
5
E
V
µA
Ι
-40
0
0
120
80
40
T j
A
14
AED01946
160
Ι
e
µ
2
4
6
8
10
12
Ι
e, high
Ι
e, on
Ι
e, off
3
3
2
1
0
0
1
2
6
5
4
V
5 V
4
6
V E
= 25 C
= 13.5 V
Ι
j
V
T
AED01945
Q
V
3
2
1
40
-40
0
0
4
V
6
5
e
160
C
80
120
AED01947
j
T
V
Ve, on
e, off
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com