Electronic Components Datasheet Search
  English  ▼

X  

TLE4271 Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271 Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TLE4271 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 18Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TLE 4271
Semiconductor Group
15
1998-11-01
Switching Voltage
V
DU and VDWL
versus Temperature
T
j
Watchdog Pulse Time
T
w
versus Temperature
T
j
Charge Current
I
d and Discharge
Current
I
dis versus Temperature Tj
DU
40
-40
0
0
V
V
V
V Ι
160
C
80
120
T j
AED01948
= 13.5 V
1.2
0.8
0.4
1.6
2.4
2.0
DWL
V
80
40
-40
0
10
30
20
40
0
50
60
70
80
160
120 C
T j
= 13.5 V
AED01950
Ι
CD
V
= 100 nF
ms
W
T
80
8
-40
8
2
6
4
40
0
Ι
d
A
10
12
Ι
µ
14
16
160
120 C
T j
= 13.5 V
AED01949
Ι
V D
V
= 1 V
dis
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com