Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4278G
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4278G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4278G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLE 4278 G
Semiconductor Group
8
1998-11-01
Upper timing threshold
V
DU
1.5
1.9
2.3
V
–
Lower reset timing
threshold
V
DRL
0.2
0.3
0.4
V
–
Delay time
t
d
12
20
28
ms
C
D = 47 nF
Reset reaction time
t
RR
0.4
1.0
2.0
µs
C
D = 47 nF
Watchdog
Activating threshold
V
WADJ
1.28 1.35
1.45
V
Voltage at WADJ
Current ratio
I
Q/IWADJ
650
720
800
–
I
Q ≤ 10 mA
Slew rate
V
WI
5–
–
V/
µs From 20% up to 80% V
Q
Watchdog low voltage
V
WOL
–0.2
0.4
V
R
ext = 10 kΩ to VQ
Watchdog high voltage
V
WOH
4.5
–
–
V
–
Watchdog pull-up
R
WO
20
30
45
k
Ω
Internal connected to
V
Q
Charge current
I
d
25
8
µA
V
D = 1.0 V
Discharge current
I
dis
0.6
1.3
2.0
µA
V
D = 1.0 V
Upper timing threshold
V
DU
1.5
1.9
2.3
V
–
Lower watchdog timing
threshold
V
DWL
0.5
0.7
0.9
V
–
Watchdog output period
T
WP
42
60
80
ms
C
d = 47 nF
Watchdog output low
time
t
WR
713
19
ms
V
Q > VRT
Watchdog trigger time
T
WT
35
47
61
ms
C
d = 47 nF
1) Measured when the output voltage V
Q has dropped 100 mV from the nominal value.
Electrical Characteristics (cont’d)
V
I = 13.5 V; – 40 °C ≤ Tj ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com