Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE4278G
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4278G Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE4278G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 12Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 13Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 14Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 15Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 16Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TLE 4278 G
Semiconductor Group
13
1998-11-01
Watchdog Activating
The calculation of the external resistor which adjusts the watchdog switch off threshold
can be done by the following equation.
R
WADJ = VWADJ × (IQ/IWADJ)/IQACT
Definitions:
V
WADJ = switch off threshold, typical 1.35 V
I
Q/IWADJ = current ratio, typical 720
I
QACT = switch off load current
Figure 7
AES02552
Band-Gap-
Reference
V
Ι
GND
V
Q
+
-
TLE 4278 G
Watchdog
active
HIGH
disabled
Watchdog
LOW
WADJ
R WADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com