Electronic Components Datasheet Search
  English  ▼

X  

TLE4278G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4278G
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4278G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4278G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLE 4278 G
Semiconductor Group
3
1998-11-01
Pin Configuration
(top view)
Figure 1
Pin Definitions and Functions
Pin
Symbol Function
1WO
Watchdog Output; the open collector output is connected to the
5-V output via an integrated resistor of 30 k
Ω.
2WADJ
Watchdog Adjust; an external resistor to GND determine the
watchdog activating threshold.
3, 4, 5,
10, 11, 12
GND
Ground
6D
Reset Delay; connect a capacitor to ground for delay time
adjustment.
7RADJ
Reset Switching Threshold Adjust; for setting the switching
threshold, connect a voltage divider from output to ground. If this
input is connected to ground, the reset is triggered at the internal
threshold.
8WI
Watchdog input; positive-edge-triggered input for monitoring a
microcontroller.
9
V
Q
5-V output voltage; block to ground with min. 10
µF capacitor,
ESR
< 10 Ω at 10 kHz.
13
V
I
Input voltage; block to ground directly on the IC with ceramic
capacitor.
14
RO
Reset output; the open collector output is connected to the
5-V output via an integrated resistor of 30 k
Ω.
RO
GND
RADJ
D
GND
8
W
12
11
GND
GND
1
2
3
4
5
GND
6
7
14
13
WO
WADJ
9
10
AEP02113
GND
V
V
Ι
Ι
Q
P-DSO-14-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com