Electronic Components Datasheet Search
  English  ▼

X  

TLE5207G Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE5207G
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207G Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE5207G Datasheet HTML 1Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 2Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 3Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLE 5207
Semiconductor Group
4
1998-02-01
Protective Function
Various errors like short-circuit to +
V
S, ground or across the load are detected. All faults
result in turn-OFF of the output stages after a delay of 40
µs and setting of the error flag
EF to ground. Changing the inputs resets the error flag.
Output Shorted to Ground Detection
If a high side transistor is switched on and its output is shorted to ground, the output
current is limited to typ 11 A. After a delay of 40
µs all outputs will be switched off and
the error flag EF is set to ground.
Output Shorted to +
V
S and Overload Detection
An internal circuit detects if the current through the low side transistor is higher than 4 A
typ. In this case all outputs are turned-OFF after 40
µs and the error flag is set to ground.
At a junction temperature higher than 160
°C the thermal shutdown turns-OFF, all four
output stages commonly and the error flag is set without a delay.
Diagnosis
Input
Output
Diagnosis
EF
I1
I2
Q1
Q2
Shorted to GND
Shorted to
V
S
Overload
L
L
Z
Z
Q1, Q2
Q1, Q2
–H
L
H
L
H
Q2
Q1
X
L
H
L
H
L
Q1
Q2
X
L
H
H
H
H
Q1, Q2
–
–
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com