Electronic Components Datasheet Search
  English  ▼

X  

TLE5207G Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE5207G
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207G Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE5207G Datasheet HTML 1Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 2Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 3Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
P-TO220-7-1
P-TO220-7-8
5-A DC Motor Driver with Inhibit
Overview
TLE 5207
Semiconductor Group
1
1998-02-01
Description
TLE 5207 is an integrated power bridge with inhibit feature and DMOS output stages for
driving DC motors.
This motor bridge is optimized for driving DC motors in reversible operation. The internal
protective circuitry in particular ensures that no crossover currents can occur.
Because the free-wheeling diodes are integrated, the external circuitry that is necessary
is restricted to the capacitors on the supply voltage.
The two control inputs have TTL/CMOS-compatible levels.
Type
Ordering Code
Package
TLE 5207
Q67000-A9295
P-TO220-7-1
TLE 5207G
Q67006-A9296
P-TO220-7-8
Features
• Output current
± 4 A (peak 5 A)
• Inhibit with very low quiescent current (typ. 20
µA)
• I/O error diagnostics
• Short-circuit proof
• Four-quadrant operation
• Integrated free-wheeling diodes
• Wide temperature range


Similar Part No. - TLE5207G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5203G SIEMENS-TLE5203G Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
TLE5204G SIEMENS-TLE5204G Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Infineon Technologies A...
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5207G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
2-A DC Motor Driver
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
logo
Texas Instruments
DRV8808 TI1-DRV8808 Datasheet
1Mb / 38P
COMBINATION MOTOR DRIVER WITH DC-DC CONVERTER
logo
Infineon Technologies A...
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com