Electronic Components Datasheet Search
  English  ▼

X  

TLE5207G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE5207G
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE5207G Datasheet HTML 2Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 3Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 9Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLE 5207
Semiconductor Group
6
1998-02-01
Electrical Characteristics
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: In the operating range the functions given in the circuit description are fulfilled.
1) During overload condition currrents higher than 5 A can dynamically occur, before the device shuts off, without
any damage to the device.
1) Depending on load, higher frequencies are possible.
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltage
Supply voltage
Supply voltage
Logic input voltage
Diagnostics output voltage
V
S
V
S
V
I1 , 2
V
EF
– 0.3
– 1
– 0.3
– 0.3
40
–
6
6
V
V
V
V
–
t < 500 ms; I
S < 5 A
V
S = 0 – 40 V
–
Current
Free-wheeling current
Output current1)
Output current
I
F
I
Q
I
Q
– 4
– 4
– 5
4
4
5
A
A
A
T
j ≤ 150 °C
–
t < 2 ms
Junction temperature
Storage temperature
T
j
T
stg
– 40
– 50
150
150
°C
°C
–
–
Thermal Resistance
Junction-case
Junction-ambient
R
th jC
R
th jA
–
–
4
65
K/W
K/W
–
–
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
Logic input voltage
Switching frequency1)
Junction temperature
V
S
V
I1 , 2
f
T
j
6
– 0.3
–
– 40
24
6
1
150
V
V
kHz
°C
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com