Electronic Components Datasheet Search
  English  ▼

X  

F71869AD Datasheet(PDF) 53 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 53 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 49Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 50Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 51Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 52Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 53Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 54Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 55Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 56Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 57Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
Oct., 2011
V0.19P
53
F71869A
AC
GPIO5 KBC Emulation Prefix Code Register
1
1
1
0
0
0
0
0
AD
GPIO5 KBC Emulation Status Register 1
0
0
0
0
0
0
0
0
AE
GPIO5 KBC Emulation Status Register 2
0
0
0
0
0
0
0
0
AF
GPIO5 KBC Emulation Control Register 2
0
1
0
0
0
0
0
0
90
GPIO6 Output Enable Register
0
0
0
0
0
0
0
0
91
GPIO6 Output Data Register
1
1
1
1
1
1
1
1
92
GPIO6 Pin Status Register
-
-
-
-
-
-
-
-
80
GPIO7 Output Enable Register
0
0
0
0
0
0
0
0
81
GPIO7 Output Data Register
1
1
1
1
1
1
1
1
82
GPIO7 Pin Status Register
-
-
-
-
-
-
-
-
83
GPIO7 Drive Enable Register
0
0
0
0
0
0
0
0
WDT Device Configuration Registers (LDN CR07)
Register
0x[HEX]
Register Name
Default Value
MSB
LSB
F0
Watchdog Timer Enable Register
-
-
-
-
-
-
-
1
F2
BUS Manual Register
0
0
0
0
0
0
0
0
F3
Key Data Register
0
0
0
0
0
0
0
0
F4
BUSIN Status Register
-
-
-
-
-
-
-
-
F5
WDT Unit Select Register
-
0
-
0
0
0
0
0
F6
WDT Count Register
0
0
0
0
1
0
1
0
F7
Watchdog Timer PME Register
0
0
0
-
-
-
-
0
CIR Configuration Register (LDN CR08)
Register
0x[HEX]
Register Name
Default Value
MSB
LSB
30
CIR Device Enable Register
-
-
-
-
-
-
-
0
60
Base Address High Register
0
0
0
0
0
0
0
0
61
Base Address Low Register
0
0
0
0
0
0
0
0
70
CIR IRQ Channel Select Register
-
-
-
-
0
0
0
0
F0
Reserved
-
-
-
-
-
-
-
-
F1
Reserved
-
-
-
-
-
-
-
-
F8
Reserved
0
0
0
0
0
0
0
0
F9
Reserved
0
0
0
0
0
0
0
0
FA
Reserved
1
0
0
0
0
0
0
0
FB
Reserved
0
0
1
1
1
0
1
1
FC
Reserved
0
0
0
0
0
0
0
0
FD
Reserved
0
0
0
0
0
0
0
0
FE
Reserved
0
0
0
0
0
0
0
0
PME, ACPI, and ERP Power Saving Device Configuration Registers (LDN CR0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com