Electronic Components Datasheet Search
  English  ▼

X  

F71869AD Datasheet(PDF) 85 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 85 Page - Feature Integration Technology Inc.

Back Button F71869AD Datasheet HTML 81Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 82Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 83Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 84Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 85Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 86Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 87Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 88Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 89Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 156 page
background image
Oct., 2011
V0.19P
85
F71869A
87h
R/W
46h
Temperature sensor 3 high limit. The unit is 1ºC.
88-8Bh
R
--
Reserved
8C~8Dh
R
FFH
Reserved
6.6.49 Temperature Filter Select Register
⎯Index 8Eh
Bit
Name
R/W Default
Description
7-6
IIR-QUEUR3
R/W
1h
The queue time for second filter to quickly update values.
00: 8 times.
01: 12 times.
10: 16 times. (default)
11: 24 times.
5-4
IIR-QUEUR2
R/W
1h
The queue time for second filter to quickly update values.
00: 8 times.
01: 12 times.
10: 16 times. (default)
11: 24 times.
3-2
IIR-QUEUR1
R/W
1h
The queue time for second filter to quickly update values.
00: 8 timers.
01: 12 times.
10: 16 times. (default)
11: 24 times.
1-0 IIR-QUEUR_DIG
R/W
1h
The queue time for second filter to quickly update values. (for CPU
temperature from PECI or TSI interface)
00: 8 timers.
01: 12 times.
10: 16 times. (default)
11: 24 times.
Fan Control Setting
6.6.50 FAN PME# Enable Register
⎯ Index 90h
Bit
Name
R/W Default
Description
7-3
Reserved
R
0
Reserved
2
EN_FAN3_PME
R/W
0
A one enables the corresponding interrupt status bit for PME#
interrupt
Set this bit 1 to enable PME# function for Fan3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com