Electronic Components Datasheet Search
  English  ▼

X  

SP506 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP506
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP506 Datasheet HTML 7Page - Sipex Corporation SP506 Datasheet HTML 8Page - Sipex Corporation SP506 Datasheet HTML 9Page - Sipex Corporation SP506 Datasheet HTML 10Page - Sipex Corporation SP506 Datasheet HTML 11Page - Sipex Corporation SP506 Datasheet HTML 12Page - Sipex Corporation SP506 Datasheet HTML 13Page - Sipex Corporation SP506 Datasheet HTML 14Page - Sipex Corporation SP506 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Rev: A Date: 1/27/04
SP506 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
A
B
C
I
ia
±6V
C
I
ib
±6V
A
B
100Ω to
150Ω
100Ω to
150Ω
i [mA] = V [V] / 0.1
+6V
+3V
–3V
–6V
Maximum Input Current
versus Voltage
V.11 RECEIVER
w/ Optional Cable Termination
(100Ω to 150Ω)
i [mA] = V [V] / 0.1
i [mA] = (V [V] – 3) / 4.0
i [mA] = (V [V] – 3) / 4.0
Figure 23. V.11 Receiver Input Current w/ Termination
Figure 24. V.11 Receiver Input Graph w/ Termination
Figure 25. V.35 Driver Output Test Terminated Voltage
Figure 26. V.35 Driver Output Offset Voltage
Figure 27. V.35 Driver Output Source Impedance
A
B
50Ω
C
50Ω
V
T
V
OS
A
B
V
2
50Ω
C
24kHz, 550mVp-p
Sine Wave
V
1
A
B
50Ω
C
50Ω
V
T
V
OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com