Electronic Components Datasheet Search
  English  ▼

X  

SP506 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP506
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP506 Datasheet HTML 13Page - Sipex Corporation SP506 Datasheet HTML 14Page - Sipex Corporation SP506 Datasheet HTML 15Page - Sipex Corporation SP506 Datasheet HTML 16Page - Sipex Corporation SP506 Datasheet HTML 17Page - Sipex Corporation SP506 Datasheet HTML 18Page - Sipex Corporation SP506 Datasheet HTML 19Page - Sipex Corporation SP506 Datasheet HTML 20Page - Sipex Corporation SP506 Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
Rev: A Date: 1/27/04
SP506 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 45. SP506 Typical Operating Circuit
RD(a) 70
RxD 1
RD(b) 71
RT(a) 37
RxC 20
RT(b) 38
CS(a) 66
CTS 80
CS(b) 67
DM(a) 68
DSR 78
DM (b) 69
RR(a) 35
DCD 19
RR(b) 36
IC(a) 39
RI 21
IC(b) 40
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
14 TxD
61 SD(a)
59 SD(b)
2
SDEN
22 ST
42 ST(a)
44 ST(b)
23 STEN
15 TxC
63 TT(a)
65 TT(b)
6
TTEN
13 DTR
58 TR(a)
56 TR(b)
3
TREN
16 RTS
54 RS(a)
52 RS(b)
4
RSEN
17 RL
47 RL(a)
45 RL(b)
18 RLEN
24 LL
51 LL(a)
49 LL(b)
5
LLEN
22µF
22µF
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22µF
+5V
10µF
27
25
26
31
28
30
22µF
32
9
10
11
12
1
0
1
0
RS-422 Mode
Input Word
A
B
Charge Pump
A — Receiver Tri-State circuitry,
V.11, & V.35 termination
resistor circuitry (RxD,
RxC & SCT).
B — Driver Tri-State circuitry &
V.35 termination circuitry
(TxD, TxC & ST).
SP506
(SEE PINOUT ASSIGNMENTS FOR GROUND PINS)
8
LATCH
(SEE PINOUT FOR VCC PINS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com