Electronic Components Datasheet Search
  English  ▼

X  

SP506 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP506
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP506 Datasheet HTML 12Page - Sipex Corporation SP506 Datasheet HTML 13Page - Sipex Corporation SP506 Datasheet HTML 14Page - Sipex Corporation SP506 Datasheet HTML 15Page - Sipex Corporation SP506 Datasheet HTML 16Page - Sipex Corporation SP506 Datasheet HTML 17Page - Sipex Corporation SP506 Datasheet HTML 18Page - Sipex Corporation SP506 Datasheet HTML 19Page - Sipex Corporation SP506 Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
Rev: A Date: 1/27/04
SP506 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
PINOUT
PIN ASSIGNMENTS
CLOCK AND DATA GROUP
Pin 1 — RxD — Receive Data; TTL output,
sourced from RD(a) and RD(b) inputs.
Pin 14 — TxD — TTL input ; transmit data
source for SD(a) and SD(b) outputs.
Pin 15 — TxC — Transmit Clock; TTL input for
TT driver outputs.
Pin 20 — RxC — Receive Clock; TTL output
sourced from RT(a) and RT(b) inputs.
Pin 22 — ST — Send Timing; TTL input; source
for ST(a) and ST(b) outputs.
Pin 37 — RT(a) — Receive Timing; analog
input, inverted; source for RxC.
Pin 38 — RT(b) — Receive Timing; analog
input, non-inverted; source for RxC.
Pin 42 — ST(a) — Send Timing; analog output,
inverted; sourced from ST.
Pin 44 — ST(b) — Send Timing; analog output,
non-inverted; sourced from ST.
Pin 59 — SD(b) — Analog Out — Send data,
non-inverted; sourced from TxD.
Pin 61 — SD(a) — Analog Out — Send data,
inverted; sourced from TxD.
Pin 63 — TT(a) — Analog Out — Terminal
Timing, inverted; sourced from TxC
Pin 65 — TT(b) — Analog Out — Terminal
Timing, non–inverted; sourced from TxC.
Pin 70 — RD(a) — Receive Data, analog input;
inverted; source for RxD.
Pin 71 — RD(b) — Receive Data; analog input;
non-inverted; source for RxD.
Pin 76 — SCT(a) — Serial Clock Transmit;
analog input, inverted; source for SCT.
Pin 77 — SCT(b) — Serial Clock Transmit:
analog input, non–inverted; source for SCT
Pin 79 — SCT — Serial Clock Transmit; TTL
output; sources from SCT(a) and SCT(b) inputs.
CONTROL LINE GROUP
Pin 13 — DTR — Data Terminal Ready; TTL
input; source for TR(a) and TR(b) outputs.
Pin 16 — RTS — Ready To Send; TTL input;
source for RS(a) and RS(b) outputs.
Pin 17 — RL — Remote Loopback; TTL input;
source for RL(a) and RL(b) outputs.
Pin 19 — DCD— Data Carrier Detect; TTL
output; sourced from RR(a) and RR(b) inputs.
Pin 21 — RI — Ring In; TTL output; sourced
from IC(a) and IC(b) inputs.
Pin 24 — LL — Local Loopback; TTL input;
source for LL(a) and LL(b) outputs.
Pin 35 — RR(a)— Receiver Ready; analog
input, inverted; source for DCD.
Pin 36 — RR(b)— Receiver Ready; analog
input, non-inverted; source for DCD.
Pin 39 — IC(a)— Incoming Call; analog input,
inverted; source for RI.
Pin 40 — IC(b)— Incoming Call; analog
input,non-inverted; source for RI.
RxD 1
SDEN 2
TREN 3
RSEN 4
LLEN 5
TTEN 6
SCTEN 7
LATCH 8
DEC3 9
DEC2 10
DEC1 11
DEC0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
RLEN 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 VCC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 VCC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 VCC
SP506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com