Electronic Components Datasheet Search
  English  ▼

X  

33984 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33984 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33984
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33984 Pin Connections (Transparent Top View)
Table 2. Pin Definitions
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 17.
Pin
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current Monitoring
This pin is used to output a current proportional to the designated
HS0-1 output.
2
WAKE
Input
Wake
This pin is used to input a Logic [1] signal so as to enable the
watchdog timer function.
3
RST
Input
Reset (Active Low)
This input pin is used to initialize the device configuration and fault
registers, as well as place the device in a low current Sleep mode.
4
IN0
Input
Direct Input 0
This input pin is used to directly control the output HS0.
5
FS
Output
Fault Status (Active Low)
This is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
6
FSI
Input
Fail-safe Input
The value of the resistance connected between this pin and ground
determines the state of the outputs after a watchdog timeout occurs.
7
CS
Input
Chip Select (Active Low)
This input pin is connected to a chip select output of a master
microcontroller (MCU).
8
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift
clock for SPI communication.
9
SI
Input
Serial Input
This is a command data input pin connected to the SPI Serial Data
Output of the MCU or to the SO pin of the previous device of a daisy
chain of devices.
10
VDD
Input
Digital Drain Voltage
(Power)
This is an external voltage input pin used to supply power to the SPI
circuit.
HS1
HS0
16
15
VPWR
14
GND
13
1
11 10
9
8
7
6
5
4
3
2
12
TRANSPARENT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com