Electronic Components Datasheet Search
  English  ▼

X  

33984 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33984 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33984
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
Current Sense Ratio (CSR1) Accuracy
Output Current
5.0 A
10 A
12.5 A
15 A
20 A
25 A
CSR1_ACC
-25
-19
-18
-17
-18
-18
–
–
–
–
–
–
25
19
18
17
18
18
%
Current Sense Clamp Voltage
CSNS Open; IHS[0:1] = 29 A
VCL(CSNS)
4.5
6.0
7.0
V
Open Load Detection Current(11)
IOLDC
30
–
100
μA
Output Fault Detection Threshold
Output Programmed OFF
VOLD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < IHS[0:1] < 2.0 A, Output OFF
VCL
-20
–
-15
V
Over-temperature Shutdown(12)
TSD
160
175
190
°C
Over-temperature Shutdown Hysteresis(12)
TSD(HYS)
5.0
–
20
°C
Notes
11.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open load condition when the specific output is commanded OFF.
12.
Guaranteed by process monitoring. Not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ V
DD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com