Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
MMA8451Q
Sensors
Freescale Semiconductor, Inc.
33
0x18: FF_MT_COUNT Debounce Register
This register sets the number of debounce sample counts for the event trigger.
This register sets the minimum number of debounce sample counts of continuously matching the detection condition user
selected for the freefall, motion event.
When the internal debounce counter reaches the FF_MT_COUNT value a Freefall/Motion event flag is set. The debounce
counter will never increase beyond the FF_MT_COUNT value. Time step used for the debounce sample count depends on the
ODR chosen and the Oversampling mode as shown in Table 38.
0x18: FF_MT_COUNT_Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 37. FF_MT_COUNT Description
D[7:0]
Count value. Default value: 0000_0000
Table 38. FF_MT_COUNT Relationship with the ODR
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com