Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MMA8451Q
Sensors
16
Freescale Semiconductor, Inc.
Figure 9 illustrates the Z-angle lockout region. When lifting the device upright from the flat position it will be active for
orientation detection as low as14° from flat. This is user configurable. The default angle is 29° but it can be set as low as 14°.
.
Figure 9. Illustration of Z-Tilt Angle Lockout Transition
5.10
Interrupt Register Configurations
There are seven configurable interrupts in the MMA8451Q: Data Ready, Motion/Freefall, Tap (Pulse), Orientation, Transient,
FIFO and Auto-SLEEP events. These seven interrupt sources can be routed to one of two interrupt pins. The interrupt source
must be enabled and configured. If the event flag is asserted because the event condition is detected, the corresponding interrupt
pin, INT1 or INT2, will assert.
Figure 10. System Interrupt Generation Block Diagram
5.11
Serial I2C Interface
Acceleration data may be accessed through an I2C interface thus making the device particularly suitable for direct interfacing
with a microcontroller. The MMA8451Q features an interrupt signal which indicates when a new set of measured acceleration
data is available thus simplifying data synchronization in the digital system that uses the device. The MMA8451Q may also be
configured to generate other interrupt signals accordingly to the programmable embedded functions of the device for Motion,
Freefall, Transient, Orientation, and Tap.
The registers embedded inside the MMA8451Q are accessed through the I2C serial interface (Table 9). To enable the I2C
interface, VDDIO line must be tied high (i.e., to the interface supply voltage). If VDD is not present and VDDIO is present, the
UPRIGHT
NORMAL
90
°
Z-LOCK = 29°
0° FLAT
DETECTION
REGION
LOCKOUT
REGION
INTERRUPT
CONTROLLER
Data Ready
Motion/Freefall
Tap (Pulse)
Orientation
Transient
FIFO
Auto-SLEEP
INT ENABLE
INT CFG
INT1
INT2
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com