Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
MMA8451Q
Sensors
Freescale Semiconductor, Inc.
17
MMA8451Q is in off mode and communications on the I2C interface are ignored. The I2C interface may be used for
communications between other I2C devices and the MMA8451Q does not affect the I2C bus.
There are two signals associated with the I2C bus; the Serial Clock Line (SCL) and the Serial Data line (SDA). The latter is a
bidirectional line used for sending and receiving the data to/from the interface. External pullup resistors connected to VDDIO are
expected for SDA and SCL. When the bus is free both the lines are high. The I2C interface is compliant with Fast mode (400 kHz),
and Normal mode (100 kHz) I2C standards (Table 4).
5.11.1
I2C Operation
The transaction on the bus is started through a start condition (START) signal. START condition is defined as a HIGH to LOW
transition on the data line while the SCL line is held HIGH. After START has been transmitted by the Master, the bus is considered
busy. The next byte of data transmitted after START contains the slave address in the first 7 bits, and the eighth bit tells whether
the Master is receiving data from the slave or transmitting data to the slave. When an address is sent, each device in the system
compares the first seven bits after a start condition with its address. If they match, the device considers itself addressed by the
Master. The 9th clock pulse, following the slave address byte (and each subsequent byte) is the acknowledge (ACK). The
transmitter must release the SDA line during the ACK period. The receiver must then pull the data line low so that it remains
stable low during the high period of the acknowledge clock period.
A LOW to HIGH transition on the SDA line while the SCL line is high is defined as a stop condition (STOP). A data transfer is
always terminated by a STOP. A Master may also issue a repeated START during a data transfer. The MMA8451Q expects
repeated STARTs to be used to randomly read from specific registers.
The MMA8451Q's standard slave address is a choice between the two sequential addresses 0011100 and 0011101. The
selection is made by the high and low logic level of the SA0 (pin 7) input respectively. The slave addresses are factory
programmed and alternate addresses are available at customer request. The format is shown in Table 10.
Single Byte Read
The MMA8451Q has an internal ADC that can sample, convert and return sensor data on request. The transmission of an
8-bit command begins on the falling edge of SCL. After the eight clock cycles are used to send the command, note that the data
returned is sent with the MSB first once the data is received. Figure 11 shows the timing diagram for the accelerometer 8-bit I2C
read operation. The Master (or MCU) transmits a start condition (ST) to the MMA8451Q, slave address ($1D), with the R/W bit
set to “0” for a write, and the MMA8451Q sends an acknowledgement. Then the Master (or MCU) transmits the address of the
register to read and the MMA8451Q sends an acknowledgement. The Master (or MCU) transmits a repeated start condition (SR)
and then addresses the MMA8451Q ($1D) with the R/W bit set to “1” for a read from the previously selected register. The Slave
then acknowledges and transmits the data from the requested register. The Master does not acknowledge (NAK) the transmitted
data, but transmits a stop condition to end the data transfer.
Multiple Byte Read
When performing a multi-byte read or “burst read”, the MMA8451Q automatically increments the received register address
commands after a read command is received. Therefore, after following the steps of a single byte read, multiple bytes of data
can be read from sequential registers after each MMA8451Q acknowledgment (AK) is received until a no acknowledge (NAK)
occurs from the Master followed by a stop condition (SP) signaling an end of transmission.
Single Byte Write
To start a write command, the Master transmits a start condition (ST) to the MMA8451Q, slave address ($1D) with the R/W bit
set to “0” for a write, the MMA8451Q sends an acknowledgement. Then the Master (MCU) transmits the address of the register
to write to, and the MMA8451Q sends an acknowledgement. Then the Master (or MCU) transmits the 8-bit data to write to the
designated register and the MMA8451Q sends an acknowledgement that it has received the data. Since this transmission is
Table 9. Serial Interface Pin Description
Pin Name
Pin Description
SCL
I2C Serial Clock
SDA
I2C Serial Data
SA0
I2C least significant bit of the device address
Table 10. I2C Address Selection Table
Slave Address (SA0 = 0)
Slave Address (SA0 = 1)
Comment
0011100 (0x1C)
0011101 (0x1D)
Factory Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com