Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date: 08/25/04
SPX2941 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
1A Low Dropout Voltage Regulator,
Adjustable Output, Fast Response
SPX2941
DESCRIPTION
FEATURES
■ Adjustable Output Down To 1.25V
■ Low Quiescent Current
■ Guaranteed 1.5A Peak Output Current
■ Low Dropout Voltage of 280mV @ 1A
■ Extremely Tight Load and Line
Regulation
■ Extremely Fast Transient Response
■ Reverse-battery Protection
■ Internal Thermal and Current Limit
Protection
■ Zero Current Shutdown
■ Error Flag Output for Out of Regulation
State
■ Standard TO-220 and TO-263
packages
■ Replacement for LM2941 and AS2941
®
Figure 1. Adjustable Output Linear Regulator
The SPX2941 is a 1A, accurate voltage regulator with a low drop out voltage of 280mV(typ.) at
1A. These regulators are specifically designed for low voltage applications that require a low
dropout voltage and a fast transient response. They are fully fault protected against over-current,
reverse battery, and positive and negative voltage transients. Other features include Enable, and
Error Flag. The SPX2941 is offered in 5-pin TO-220 & TO-263 packages. For a 3A version, refer
to the SPX29300 data sheet.
SPX2941
V
OUT
V
IN
GND
ADJ
4
2
3
5
1
R1
R2
10µF
6.8µF
+
+
EN
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging
12 3 4 5
SPX2941
5 Pin TO-263
APPLICATIONS
■ Powering VGA & Sound Card
■ LCD Monitors
■ USB Power Supply
■ Power PC Supplies
■ SMPS Post-Regulator
■ High Efficiency Linear Power Supplies
■ Battery Charger
■ Portable Instrumentation
■ Constant Current Regulators
■ Adjustable Power Supplies


Similar Part No. - SPX2941

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5 SIPEX-SPX2941T5 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5 SIPEX-SPX2941T5 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
More results

Similar Description - SPX2941

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
1A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com