Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Date: 08/25/04
SPX2941 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Figure 9. Ground Current vs Temperature at I
LOAD=10mA
Figure 10. Output Voltage vs Temperature at I
LOAD=10mA
Figure 11. Ground Current vs Temperature at I
LOAD=500mA
Figure 12. Ground Current vs Temperature in Dropout
at I
LOAD=750mA
Figure 13. Ground Current vs Temperature at I
LOAD=1.5A
Figure 14. Ground Current vs Temperature in Dropout at
I
LOAD=1.5A
280
270
260
250
240
230
220
210
200
190
180
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 4.3V
IL = 10mA
CL = 10µF
120
100
3.320
3.310
3.300
3.290
3.280
3.270
3.260
3.250
3.240
3.230
3.220
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 4.3V
IL = 10mA
CL = 10µF
120
100
7.00
6.80
6.60
6.40
6.20
6.00
5.80
5.60
5.40
5.20
5.00
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 4.3V
IL = 500mA
CL = 10µF
120
100
30
29
28
27
26
25
24
23
22
21
20
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 3.2V
IL = 750mA
CL = 10µF
120
100
52.0
50.0
48.0
46.0
44.0
42.0
40.0
38.0
36.0
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 4.3V
IL = 1.5A
CL = 10µF
120
100
100
95
90
85
80
75
70
-40
-20
0
20
40
60
80
Temperature (°C)
3.3V Device
VIN = 3.2V
IL = 1.5A
CL = 10µF
120
100
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com