Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Date: 08/25/04
SPX2941 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
The SPX2941 incorporates protection against
over-current faults, reversed load insertion,
over temperature operation, and positive and
negative transient voltage.
Thermal Considerations
Although the SPX2941 offers limiting circuitry
for overload conditions, it is still necessary to
insure that the maximum junction tempera-
ture is not exceeded in the application. Heat
will flow through the lowest resistance path,
the junction-to-case path. In order to insure
the best thermal flow of the component, proper
mounting is required. Since the tab of the
device is electrically connected to GND, the
tab must be electrically isolated using a ther-
mally conductive spacer, which itself contrib-
utes some small additional thermal resistance.
Consult heatsink manufacturer for thermal
resistance and design of heatsink.
TO-220 Design Example:
Assume that V
IN = 10V, VOUT = 5V, IOUT = 1A,
T
A = 50°C, θHA= 1°C/W, θCH = 2°C/W,
and θ
JC = 3°C/W, where
T
A = ambient temperature,
θ
HA = heatsink to ambient thermal resistance,
θ
CH = case to heatsink thermal resistance,
θ
JC = junction to case thermal resistance.
The power calculated under these conditions
is:
P
D = (VIN – VOUT) * IOUT = 5W,
and the junction temperature is calculated as
T
J = TA + PD * (θHA + θCH + θ JC) or
T
J = 50 + 5.0 * (1 + 2 + 3) = 80°C.
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure
stability and minimize the output noise. The
value of the capacitor varies with the load.
However, a minimum value of 10µF alumi-
num capacitor will guarantee stability over all
load conditions. A tantalum capacitor is rec-
ommended if a faster load transient response
is needed.
If the power source has a high AC impedance,
a 0.1µF ceramic capacitor between input &
ground is recommended.
Minimum Load Current
To ensure a proper behavior of the regulator
under light load, a minimum load of 5mA for
SPX2941 is required.
Typical Application Circuit
Figure 18 shows a typical applications circuit
for an adjustable output regulator. The values
of R
1 and R2 set the output voltage value as
follows: V
OUT = VREF * [1 + (R1/R2)]. For best
results, the total series resistance should be
small enough to pass a minimum regulator
load current of 5 mA.
A minimum value of 10kΩ is recommended
for R
2 with a range between 10kΩ to 47k Ω.
Figure 19. Adjustable Output Linear Regulator
SPX2941
V
OUT
V
IN
GND
ADJ
4
2
3
5
1
R1
R2
10µF
6.8µF
+
+
EN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com