Electronic Components Datasheet Search
  English  ▼

X  

864075 Datasheet(PDF) 19 Page - Intel Corporation

Part # 864075
Description  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

864075 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 864075 Datasheet HTML 15Page - Intel Corporation 864075 Datasheet HTML 16Page - Intel Corporation 864075 Datasheet HTML 17Page - Intel Corporation 864075 Datasheet HTML 18Page - Intel Corporation 864075 Datasheet HTML 19Page - Intel Corporation 864075 Datasheet HTML 20Page - Intel Corporation 864075 Datasheet HTML 21Page - Intel Corporation 864075 Datasheet HTML 22Page - Intel Corporation 864075 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
PRELIMINARY
15
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
NMI
I
Nonmaskable Interrupt
In normal operating mode, a rising edge on NMI generates a nonmaskable
interrupt. NMI has the highest priority of all prioritized interrupts. Assert NMI for
greater than one state time to guarantee that it is recognized.
ONCE
I
On-circuit Emulation
Holding ONCE high during the rising edge of RESET# places the device into
on-circuit emulation (ONCE) mode. This mode puts all pins into a high-imped-
ance state, thereby isolating the device from other components in the system.
The value of ONCE is latched when the RESET# pin goes inactive. While the
device is in ONCE mode, you can debug the system using a clip-on emulator.
To exit ONCE mode, reset the device by pulling the RESET# signal low. To pre-
vent accidental entry into ONCE mode, connect the ONCE pin to V
SS.
P1.7:0
I/O
Port 1
This is a standard bidirectional port that is multiplexed with individually select-
able special-function signals.
Port 1 is multiplexed as follows: P1.0/EPA0, P1.1/EPA1, P1.2/EPA2, P1.3/EPA3,
P1.4/T1CLK, P1.5/T1DIR, P1.6/T2CLK, and P1.7/T2DIR.
P2.7:0
I/O
Port 2
This is a standard bidirectional port that is multiplexed with individually select-
able special-function signals.
Port 2 is multiplexed as follows: P2.0/TXD, P2.1/RXD, P2.2/EXTINT0, P2.3/
BREQ#, P2.4/EXTINT1, P2.5/HOLD#, P2.6/HLDA#, and P2.7/CLKOUT.
P3.7:0
I/O
Port 3
This is an 8-bit, bidirectional, standard I/O port.
Port 3 is multiplexed as follows: P3.0/CS0#, P3.1/CS1#, P3.2/CS2#, P3.3/
CS3#, P3.4/CS4#, P3.5/CS5#, P3.6/EXTINT2, and P3.7/EXTINT3.
P4.3:0
I/O
Port 4
This is a 4-bit, bidirectional, standard I/O port with high-current drive capability.
Port 4 is multiplexed as follows: P4.0/PWM0, P4.1/PWM1, and P4.2/PWM2.
P4.3 is not multiplexed.
PLLEN2:1
I
Phase-locked Loop 1 and 2 Enable
These input pins are used to enable the on-chip clock multiplier feature and
select either the doubled or quadrupled clock speed as follows:
PLLEN2
PLLEN1
Mode
0
0
Standard mode; clock multiplier circuitry disabled.
Internal clock equals the XTAL1 input frequency.
10
Reserved†
0
1
Doubled mode; clock multiplier circuitry enabled.
Internal clock is twice the XTAL1 input frequency.
1
1
Quadrupled mode; clock multiplier circuitry enabled.
Internal clock is four times the XTAL1 input
frequency.
† This reserved combination causes the device to enter an unsupported test
mode.
Table 8. Signal Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com