Electronic Components Datasheet Search
  English  ▼

X  

864075 Datasheet(PDF) 5 Page - Intel Corporation

Part # 864075
Description  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

864075 Datasheet(HTML) 5 Page - Intel Corporation

  864075 Datasheet HTML 1Page - Intel Corporation 864075 Datasheet HTML 2Page - Intel Corporation 864075 Datasheet HTML 3Page - Intel Corporation 864075 Datasheet HTML 4Page - Intel Corporation 864075 Datasheet HTML 5Page - Intel Corporation 864075 Datasheet HTML 6Page - Intel Corporation 864075 Datasheet HTML 7Page - Intel Corporation 864075 Datasheet HTML 8Page - Intel Corporation 864075 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
PRELIMINARY
1
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
1.0
PRODUCT OVERVIEW
The 8XC196NU is a member of Intel’s 16-bit MCS® 96 microcontroller family. The device features 1 Mbyte of
linear address space, a demultiplexed bus, and a chip-select unit. The external bus can dynamically switch
between multiplexed and demultiplexed operation.
Figure 1. 8XC196NU Block Diagram
Timer 1
Timer 2
Event
Processor
Array
Serial
Port
Baud
Rate
Gen
Port 2
Port 1
Port 1/
EPA3:0,
Timer 1,
Timer 2
Port 2/
Hold Control,
SIO,
EXTINT1:0
Pulse
Width
Modulator
Microcode
Engine
RALU
CPU
Peripheral
Transaction
Server
AD15:0
A15:0
A19:16/
EPORT3:0
Chip Select
CS5:0#
Interrupt
Controller
16
16
8
1000
Byte
Register
File
24 Bytes
CPU SFRs
Memory Controller
with
Chip Select
Queue
Port
3
Port
4
Port 3/
EXTINT3:2
Port 4/
PWM2:0
A2822-02
Control
Signals
48 Kbytes
ROM
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com