Electronic Components Datasheet Search
  English  ▼

X  

H5CL Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H5CL
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5CL Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H5CL Datasheet HTML 4Page - Omron Electronics LLC H5CL Datasheet HTML 5Page - Omron Electronics LLC H5CL Datasheet HTML 6Page - Omron Electronics LLC H5CL Datasheet HTML 7Page - Omron Electronics LLC H5CL Datasheet HTML 8Page - Omron Electronics LLC H5CL Datasheet HTML 9Page - Omron Electronics LLC H5CL Datasheet HTML 10Page - Omron Electronics LLC H5CL Datasheet HTML 11Page - Omron Electronics LLC H5CL Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
H5CL
H5CL
8
Finger Safe Terminal Cover
Conforming to VDE0106/P100
Y92A-48G
(Attachment for P3GA-11 Socket)
Y92A-48T
(Attachment for H5CL DC models)
Hard Cover
Y92A-48
Soft Cover
Y92A-48F1
Twelve, 6.4 dia. holes
34
47.7 x 47.7
48 x 48
47.4
16.5
24.6 27.6
Installation
Terminal Arrangement
AC Models
DC Models
Note:
1 and 6 are connected to each other internally.
810
9
7
5
4
3
2
5
4
3
Gate
Key protection
0 V
Reset
Start
12 to 24 VDC
Contact output
Transistor output
6
7
8
9
10
5
4
3
2
Reset
Start
Gate
Key protection
External power supply
12 VDC (50 mA max.)
11
1
8
9
11
Transistor output
Contact output
100 to 240 VAC
Input common (0 V)
6
1
–+
Load
(Sensor)
(–)
(+)
Note:
Power supply circuit is insulated from the internal
circuit (or I/O).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com