Electronic Components Datasheet Search
  English  ▼

X  

H5CL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H5CL
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5CL Datasheet(HTML) 1 Page - Omron Electronics LLC

  H5CL Datasheet HTML 1Page - Omron Electronics LLC H5CL Datasheet HTML 2Page - Omron Electronics LLC H5CL Datasheet HTML 3Page - Omron Electronics LLC H5CL Datasheet HTML 4Page - Omron Electronics LLC H5CL Datasheet HTML 5Page - Omron Electronics LLC H5CL Datasheet HTML 6Page - Omron Electronics LLC H5CL Datasheet HTML 7Page - Omron Electronics LLC H5CL Datasheet HTML 8Page - Omron Electronics LLC H5CL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Digital Timer
H5CL
Easy-to-see and Easy-to-operate
DIN 48 x 48 mm Digital Timer with
IP66/NEMA 4 Protection
Water- and dust-protected for severe environ-
ments.
Large, high-visibility LED displays with a height of
12 mm.
Simple setting with Increment and Decrement
Keys.
Conforms to EMC standards.
Six-language instruction manual provided.
RC
Ordering Information
Outputs
Supply voltage
Model
Without Finger Safe Terminal Cover
With Finger Safe Terminal Cover
Contact output
100 to 240 VAC
H5CL-A
---
12 to 24 VDC
H5CL-AD
H5CL-AD-500
Transistor output
(Ph t
l )
100 to 240 VAC
H5CL-AS
---
a s s o ou u
(Photocoupler)
12 to 24 VDC
H5CL-ADS
---
Model Number Legend:
H5CL-A
2
3
1. Fixed
2. D: DC Supply Voltage
3. S: Transistor output
1
Accessories (Order Separately)
Name
Model
Hard cover
Y92A-48
Soft cover
Y92A-48F1
Track Mounting/Front Connecting Socket (for AC
dl
l)
---
P2CF-11
ac
ou
g/
o
Co
ec
g Soc e ( o
C
models only)
Finger safe type
P2CF-11-E
Back Connecting Socket (for AC models only)
---
P3GA-11
ac Co
ec
g Soc e ( o
C
ode s o y)
Finger safe type
P3GA-11 with Y92A-48G (see note 1)
Finger Safe Terminal Cover for DC models
Y92A-48T
Flush Mounting Adapter (see note 2)
Y92F-30
Note:
1. Y92A-48G is a finger safe terminal cover which is attached to the P3GA-11 Socket.
2. Supplied with each Unit.


Similar Part No. - H5CL

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H5C-2E FOX-H5C-2E Datasheet
66Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3LF FOX-H5C-2E3LF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
H5C-2E3R FOX-H5C-2E3R Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3RLF FOX-H5C-2E3RLF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H5CL

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
DIGITAL WINDOW WATCHDOG TIMER
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
Digital Window Watchdog Timer
logo
LSI Computer Systems
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
MULTI-FUNCTION DIGITAL TIMER
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
Multifunction Digital timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com