Electronic Components Datasheet Search
  English  ▼

X  

H5CL Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H5CL
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5CL Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H5CL Datasheet HTML 4Page - Omron Electronics LLC H5CL Datasheet HTML 5Page - Omron Electronics LLC H5CL Datasheet HTML 6Page - Omron Electronics LLC H5CL Datasheet HTML 7Page - Omron Electronics LLC H5CL Datasheet HTML 8Page - Omron Electronics LLC H5CL Datasheet HTML 9Page - Omron Electronics LLC H5CL Datasheet HTML 10Page - Omron Electronics LLC H5CL Datasheet HTML 11Page - Omron Electronics LLC H5CL Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
H5CL
H5CL
9
Input Circuits
Start, Reset, and Gate Input
H5CL-A
j (AC Models)
Key Protection Input
IN
Vin – 3.5V
(16V max.)
1 k
Ω
Internal circuit
Vin: Supply voltage
H5CL-AD
j (DC Models)
IN
+12 V
1 k
Ω
Internal circuit
IN
Internal circuit
+5 V
4.7 k
Ω
Note:
No key input is effective while
key protection input is ON.
Input Connections
Open Collector Output
Voltage Output
12 VDC
1
7
6
5
3
–
7
9
8
6
PC or sensor
0 V
Output
12 VDC
PC or sensor
0 V
Output
AC models
DC models
1
7
6
5
3
–
7
9
8
6
AC models
DC models
Contact input
7
6
5
3
7
9
8
6
AC models
DC models
Start, Reset, and Gate Input Specification
ON impedance:
500
Ω max. (the leakage current is 5 to 20 mA when the impedance is 0 Ω.)
ON residual voltage:
2 V max.
OFF impedance:
100 k
Ω min.
Maximum applicable voltage: 30 VDC max.
Two-wire Sensor
7
6
5
3
7
9
8
6
Sensor
0 V
AC models
DC models
Applicable Two-wire Sensor
Leakage current:
1.5 mA max.
Switching capacity: 5 mA min.
Residual voltage:
3 V max.
Operating voltage: 10 VDC
Note:
When connecting a two-wire sensor to a DC models, sup-
ply 24 VDC (21.6 to 26.4 VDC) to the timer.
Key Protection Input
4
3
10
6
AC models
DC models
Open collector
or
contact
Key Protection Input
ON impedance:
1 k
Ω max.
(the leakage current is approx. 1 mA when the impedance is 0
Ω.)
ON residual voltage:
0.5 V max.
OFF impedance:
100 k
Ω min.
Maximum applicable voltage: 30 VDC max.
Note:
The used contact should switch 1 mA at 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com